PART |
Description |
Maker |
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors] Mitsubishi Electric Corporation
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
MB1505 MB152 MB1510 MB15051 KBPC1510 MB154 MB158 |
High forward surge current capability
|
Shenzhen Ping Sheng Electronics Co., Ltd. Shenzhen Ping Sheng Ele...
|
6A100 6A80 6A40 |
High forward surge current capability GENERAL PURPOSE SILICON RECTIFIER
|
DIOTEC Electronics Corporation List of Unclassifed Manufacturers DIOTEC Electronics Corporat... List of Unclassifed Manufac... DIOTEC Electronics Corp... List of Unclassifed Man...
|
SR130 SR140 SR160 SR120 SR150 |
High surge current capability High current capability Low forward voltage drop
|
First Components International First Components Intern...
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
KSQ60A03LB |
Low Forward Voltage Drop Low Power Loss, High Efficiency, High Surge Current Capability
|
NIEC[Nihon Inter Electronics Corporation]
|
NP3100SDMCT3G NP0720SDMCT3G NP1300SDMCT3G NP1500SD |
Low Cap TSPD Surge Devices - 200A High Current TSPD
|
ON Semiconductor
|
X40020V14I-C X40020V14I-B X40020V14I-A |
DIODE, STANDARD, 95A, 400V, STUD; Voltage, Vrrm:400V; Current, If av:95A; Case style:E12; Current, Ifs max:700A; Diode type:Standard recovery; Polarity, diode:Stud Anode; Thread size:M8; Voltage, forward at If:1.5V RoHS Compliant: Yes Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1600V; Forward Current Avg Rectified, IF(AV):50A; Non Repetitive Forward Surge Current Max, Ifsm:700A; Forward Voltage Max, VF:1.6V; Package/Case:SO-32B DIODE, STUD 50A 1200VDIODE, STUD 50A 1200V; Voltage, Vrrm:1200V; Current, If av:50A; Current, Ifs max:700A; Voltage, forward at If:1.6V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Anode
|
Intersil Corporation
|
2SJ626 2SJ626-T1B 2SJ626-T2B |
Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:30V; Forward Voltage Max, VF:1V; Vf Test Current:5mA; Power Dissipation, Pd:80mW; Package/Case:DO-7; Current Rating:150mA; Forward Current Max, If:150mA; Forward Voltage:1.0V MOS场效应管 MOS FIELD EFFECT TRANSISTOR Pch enhancement type MOS FET
|
NEC, Corp. NEC[NEC]
|